Part Number Hot Search : 
LM267 BZ5258 W99200AF DL4148 AD7545JN LM2595 FB4103P LM259
Product Description
Full Text Search
 

To Download TO-220AB Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  dimensions in inches and (millimeters) TO-220AB features  high efficiency, low vf  high current capability  high reliability  high surge current capability  low power loss.  for use in low voltage, high frequency inventor, free wheeling, and polarity protection application mechanical data  case: TO-220AB molded plastic  epoxy: ul 94v-0 rate flame retardant  polarity: as marked  high temperature soldering guaranteed: 260 o c/10 seconds .16?,(4.06mm) from case.  weight: 2.24 grams maximum ratings and electrical characteristics rating at 25 o c ambient temperature unless otherwise specified. single phase, half wave, 60 hz, resistive or inductive load. for capacitive load, derate current by 20% type number symbol sf 1001g sf 1002g sf 1003g sf 1004g sf 1005g sf 1006g sf 1007g sf 1008g units maximum recurrent peak reverse voltage v rrm 50 100 150 200 300 400 500 600 v maximum rms voltage v rms 35 70 105 140 210 280 350 420 v maximum dc blocking voltage v dc 50 100 150 200 300 400 500 600 v maximum average forward rectified current .375 (9.5mm) lead length @t c = 100 o c i (av) 10.0 a peak forward surge current, 8.3 ms single half sine-wave superimposed on rated load (jedec method ) i fsm 125 a maximum instantaneous forward voltage @ 5.0a v f 0.975 1.3 1.7 v maximum dc reverse current @ t a =25 o c at rated dc blocking voltage @ t a =100 o c i r 10.0 400 ua ua maximum reverse recovery time (note 1) trr 35 ns typical junction capacitance (note 2) cj 70 50 pf typical thermal resistance (note 3) r jc 3.5 o c/w operating temperature range t j -65 to +150 o c storage temperature range t stg -65 to +150 o c notes: 1. reverse recovery test conditions: i f =0.5a, i r =1.0a, i rr =0.25a 2. measured at 1 mhz and applied reverse voltage of 4.0 v d.c. 3. mounted on heatsink size of 2? x 3? x 0.25? al-plate. sf1001g-sf1008g 10.0amp. glass passivated super fast rectifiers http://www.luguang.cn mail:lge@luguang.cn
fig.6- reverse recovery time characteristic and test circuit diagram 50 noninductive non inductive oscilloscope (note 1) pulse generator (note 2) dut (+) 50vdc (approx) (-) notes: 1. rise time=7ns max. input impedance= 1 megohm 22pf 2. rise time=10ns max. sourse impedance= 50 ohms (-) (+) 10 noninductive -1.0a -0.25a 0 +0.5a trr 1cm set time base for 5/ 10ns/ cm ratings and characteristic curves (sf1001g thru sf1008g) fig.1- maximum forward current derating curve average forward current. (a) 0 50 100 150 0 4 8 12 16 20 case temperature. ( c) o fig.5- typical forward characteristics per leg instantaneous forward current. (a) 0.4 0.6 0.8 1.0 1.2 1.4 1.6 1.8 0.01 0.1 0.03 1 0.3 10 3 30 100 forward voltage. (v) tj=25 c pulse width=300 s 1% duty cycle o sf1001g~sf1004g sf1005g~sf1006g sf1007g~sf1008g fig.3- maximum non-repetitive forward surge current per leg peak forward surge current. (a) 1 2 5 10 20 100 50 number of cycles at 60hz tj=125 c 0 8.3ms single half sine wave jedec method 150 120 90 60 30 0 fig.4- typical junction capacitance per leg capacitance.(pf) 15 2 10 20 50 100 200 500 50 60 70 80 90 100 reverse voltage. (v) tj=25 c 0 sf1001g~sf1004g sf1005g~sf1008g 40 1000 fig.2- typical reverse characteristics 0 20 40 60 80 100 120 140 1000 0.1 1 10 100 percent of rated peak reverse voltage. (%) tj=25 c 0 tj=100 c 0 instantaneous reverse current .( a) tj=75 c 0 sf1001g-sf1008g 10.0amp. glass passivated super fast rectifiers http://www.luguang.cn mail:lge@luguang.cn


▲Up To Search▲   

 
Price & Availability of TO-220AB

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X